Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6718TR Arkusz danych(PDF) 59 Page - STMicroelectronics

Numer części L6718TR
Szczegółowy opis  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718TR Arkusz danych(HTML) 59 Page - STMicroelectronics

Back Button L6718TR Datasheet HTML 55Page - STMicroelectronics L6718TR Datasheet HTML 56Page - STMicroelectronics L6718TR Datasheet HTML 57Page - STMicroelectronics L6718TR Datasheet HTML 58Page - STMicroelectronics L6718TR Datasheet HTML 59Page - STMicroelectronics L6718TR Datasheet HTML 60Page - STMicroelectronics L6718TR Datasheet HTML 61Page - STMicroelectronics L6718TR Datasheet HTML 62Page - STMicroelectronics L6718TR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
DocID023399 Rev 3
59/71
L6718
Single NTC thermal monitor and compensation
10
Single NTC thermal monitor and compensation
The L6718 features single NTC for thermal sensing for both thermal monitoring and
compensation. The thermal monitor consists in monitoring the converter temperature,
eventually reporting an alarm by asserting the VR_HOT signal. This is the base for the
temperature zone register fill. Thermal compensation consists of compensating the inductor
DCR derating with temperature and so preventing drifts in any variable correlated to the
DCR: voltage positioning, overcurrent, IMON, current reporting. Both functions share the
same thermal sensor (NTC) to optimize the overall application cost without compromising
performance.
TM and TCOMP are pins used for the multi-rail thermal compensation and monitoring while
STM and STCOMP are used for single-rail, as a consequence every consideration for TM
and TCOMP in Section 10.2 and Section 10.3 can be used for STM and STCOMP for the
single-rail.
10.1
Thermal monitor and VR_HOT
The diagram for the thermal monitor is shown in Figure 13. NTC should be placed close to
the power stage hot-spot in order to sense the regulator temperature. As the temperature of
the power stage increases, the NTC resistive value decreases, therefore reducing the
voltage observable at the TM pin.
Recommended NTC is NTHS0805N02N6801 (or equivalent with
β25/75 = 3500 +/-10%) for
accurate temperature sensing and thermal compensation. Different NTC may be used: to
reach the required accuracy in temperature reporting, a proper resistive network must be
used in order to match the resulting characteristics with those coming from the
recommended NTC.
The voltage observed at the TM pin is internally converted and then used to fill in the
temperature zone register. When the temperature observed exceeds TMAX (programmed
via pinstrapping), the L6718 asserts VR_HOT (active low - as long as the overtemperature
event lasts) and the ALERT# line (until reset by the GetReg command on the status
register).
Figure 13. Thermal monitor connections
VCC5
TM
VR_HOT
Temp. Zone
2k
AM12887v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71