| Zakładka z wyszukiwarką danych komponentów |
|
SPC560D30X Arkusz danych(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560D30X Arkusz danych(HTML) 37 Page - STMicroelectronics |
|
37 / 90 page ![]() SPC560D30x, SPC56040Dx Electrical characteristics Doc ID 16315 Rev 7 37/90 2. The configuration PAD3V5 = 1 when VDD = 5 V is only a transient configuration during power-up. All pads but RESET are configured in input or in high impedance state. Table 18. MEDIUM configuration output buffer electrical characteristics Symbol C Parameter Conditions(1) Value Unit Min Typ Max VOH CC C Output high level MEDIUM configuration Push Pull IOH = 3.8 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 0.8VDD —— V P IOH = 2mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) 0.8VDD —— C IOH = 1mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 (2) 0.8VDD —— C IOH = 1mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) VDD 0.8 — — C IOH = 100 µA, VDD = 5.0 V ± 10%, PAD3V5V = 0 0.8VDD —— VOL CC C Output low level MEDIUM configuration Push Pull IOL = 3.8 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 0.2VDD V P IOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) —— 0.1VDD C IOL = 1 mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 (2) —— 0.1VDD C IOL = 1 mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) —— 0.5 C IOL = 100 µA, VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 0.1VDD 1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified 2. The configuration PAD3V5 = 1 when VDD = 5 V is only a transient configuration during power-up. All pads but RESET are configured in input or in high impedance state. |