Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPC560P40L1 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części SPC560P40L1
Szczegółowy opis  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P40L1 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button SPC560P40L1 Datasheet HTML 5Page - STMicroelectronics SPC560P40L1 Datasheet HTML 6Page - STMicroelectronics SPC560P40L1 Datasheet HTML 7Page - STMicroelectronics SPC560P40L1 Datasheet HTML 8Page - STMicroelectronics SPC560P40L1 Datasheet HTML 9Page - STMicroelectronics SPC560P40L1 Datasheet HTML 10Page - STMicroelectronics SPC560P40L1 Datasheet HTML 11Page - STMicroelectronics SPC560P40L1 Datasheet HTML 12Page - STMicroelectronics SPC560P40L1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Introduction
Doc ID 16100 Rev 7
9/103
1.4
Block diagram
Figure 1 shows a top-level block diagram of the SPC560P34/SPC560P40 MCU. Table 2
summarizes the functions of the blocks.
Table 3.
SPC560P40
device configuration differences
Feature
Configuration
Airbag
Full-featured
SRAM (with ECC)
16 KB
20 KB
FlexCAN (controller area network)
1
2
Safety port
No
Yes
(via second FlexCAN module)
FlexPWM (pulse-width modulation) channels
No
8
(capture capability not
supported)
CTU (cross triggering unit)
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More