| Zakładka z wyszukiwarką danych komponentów |
|
SPC564A80L7 Arkusz danych(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 Arkusz danych(HTML) 47 Page - STMicroelectronics |
|
47 / 157 page ![]() BDIP GPIO[63] External burst data in progress GPIO P G 01 00 63 O I/O VDDE2 Fast — / Up — / Up — — M1 WE[0]/BE[0] GPIO[64] External write/byte enable GPIO P G 01 00 64 O I/O VDDE2 Fast — / Up — / Up — — N4 WE[1]/BE[1] GPIO[65] External write/byte enable GPIO P G 01 00 65 O I/O VDDE2 Fast — / Up — / Up — — N3 OE GPIO[68] External output enable GPIO P G 01 00 68 O I/O VDDE2 Fast — / Up — / Up — — AB9 TS ALE GPIO[69] External transfer start Address latch enable GPIO[69] P A1 G 001 010 000 69 I/O O I/O VDDE2 Fast — / Up — / Up — — T4 TA TS(8) GPIO[70] External transfer acknowledge External transfer start GPIO P A1 G 001 010 000 70 I/O O I/O VDDE2 Fast — / Up — / Up — — R4 Calibration Bus CAL_CS0 Calibration chip select P 01 336 O VDDE12 Fast —/ — — — — CAL_CS2 CAL_ADDR[10] CAL_WE[2]/BE[2] Calibration chip select Calibration address bus Calibration write/byte enable P A A2 001 010 100 338 O I/O O VDDE12 Fast —/ — — — — CAL_CS3 CAL_ADDR[11] CAL_WE[3]/BE[3] Calibration chip select Calibration address bus Calibration write/byte enable P A A2 001 010 100 339 O I/O O VDDE12 Fast —/ — — — — CAL_ADDR[12] CAL_WE[2]/BE[2] Calibration address bus Calibration write/byte enable P A 01 10 340 I/O O VDDE12 Fast —/ — — — — CAL_ADDR[13] CAL_WE[3]/BE[3] Calibration address bus Calibration write/byte enable P A 01 10 340 I/O O VDDE12 Fast —/ — — — — Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |