| Zakładka z wyszukiwarką danych komponentów |
|
ST7LITEUS2 Arkusz danych(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITEUS2 Arkusz danych(HTML) 88 Page - STMicroelectronics |
|
88 / 136 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) Instruction set ST7LITEUS2, ST7LITEUS5 88/136 11.1.7 Relative modes (direct, indirect) This addressing mode is used to modify the PC register value by adding an 8-bit signed offset to it. The relative addressing mode consists of two submodes: Relative mode (Direct) The offset follows the opcode. Relative mode (Indirect) The offset is defined in memory, of which the address follows the opcode. 11.2 Instruction groups The ST7 family devices use an Instruction Set consisting of 63 instructions. The instructions may be subdivided into 13 main groups as illustrated in the following table: CPL, NEG 1 or 2 complement BSET, BRES Bit operations BTJT, BTJF Bit test and jump operations SLL, SRL, SRA, RLC, RRC Shift and rotate operations SWAP Swap nibbles CALL, JP Call or jump subroutine Table 39. Instructions supporting direct, indexed, indirect and indirect indexed addressing modes (continued) Instructions Function Table 40. Instructions supporting relative modes Available relative direct/indirect instructions Function JRxx Conditional jump CALLR Call relative Table 41. ST7 instruction set Load and Transfer LD CLR Stack operation PUSH POP RSP Increment/Decrement INC DEC Compare and tests CP TNZ BCP Logical operations AND OR XOR CPL NEG Bit operation BSET BRES Conditional bit test and branch BTJT BTJF Arithmetic operations ADC ADD SUB SBC MUL Obsolete Product(s) - Obsolete Product(s) |