| Zakładka z wyszukiwarką danych komponentów |
|
ST72561K4-Auto Arkusz danych(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561K4-Auto Arkusz danych(HTML) 79 Page - STMicroelectronics |
|
79 / 324 page ![]() ST72561-Auto I/O ports Doc ID 12370 Rev 8 79/324 8.4.3 Pull-up input port (CANTX requirement) The PC4 port cannot operate as a general purpose output. The CAN peripheral controls it directly when enabled. Otherwise, PC4 is a pull-up input. If DDR = 1 it is still possible to read the port through the DR register. Table 31. Configuration of PC4 Mode pull-up input Table 32. Port configuration Port Pin name Input Output OR = 0 OR = 1 OR = 0 OR = 1 Port A PA0 floating pull-up interrupt (ei0) open drain push-pull PA1 floating interrupt (ei0) PA2 pull-up interrupt (ei0) PA3 floating interrupt (ei0) PA4 pull-up interrupt (ei0) PA5 floating interrupt (ei0) PA6 pull-up interrupt (ei0) PA7 floating interrupt (ei0) Port B PB0 floating pull-up interrupt (ei1) open drain push-pull PB1 floating interrupt (ei1) PB2 pull-up interrupt (ei1) PB3 floating interrupt (ei1) PB4 pull-up interrupt (ei1) PB5 floating interrupt (ei1) Port C PC0 floating pull-up open drain push-pull PC1 pull-up interrupt (ei2) PC2 floating interrupt (ei2) PC3 pull-up PC4 pull-up controlled by CANTX(1) PC7:5 floating pull-up open drain push-pull |