Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST72361AR4-Auto Arkusz danych(PDF) 37 Page - STMicroelectronics

Numer części ST72361AR4-Auto
Szczegółowy opis  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR4-Auto Arkusz danych(HTML) 37 Page - STMicroelectronics

Back Button ST72361AR4-Auto Datasheet HTML 33Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 34Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 35Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 36Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 37Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 38Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 39Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 40Page - STMicroelectronics ST72361AR4-Auto Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 279 page
background image
ST72361xx-Auto
Central processing unit
Doc ID 12468 Rev 3
37/279
4.3.5
Stack pointer (SP)
Read/ write
Reset value: 01 FFh
The Stack Pointer is a 16-bit register which is always pointing to the next free location in the
stack. It is then decremented after data has been pushed onto the stack and incremented
before data is popped from the stack (see Figure 9).
Since the stack is 256 bytes deep, the 8 most significant bits are forced by hardware.
Following an MCU Reset, or after a Reset Stack Pointer instruction (RSP), the Stack Pointer
contains its reset value (the SP7 to SP0 bits are set) which is the stack higher address.
The least significant byte of the Stack Pointer (called S) can be directly accessed by a LD
instruction.
Note:
When the lower limit is exceeded, the Stack Pointer wraps around to the stack upper limit,
without indicating the stack overflow. The previously stored information is then overwritten
and therefore lost. The stack also wraps in case of an underflow.
The stack is used to save the return address during a subroutine call and the CPU context
during an interrupt. The user may also directly manipulate the stack by means of the PUSH
and POP instructions. In the case of an interrupt, the PCL is stored at the first location
pointed to by the SP. Then the other registers are stored in the next locations as shown in
Figure 9.
●
When an interrupt is received, the SP is decremented and the context is pushed on the
stack.
●
On return from interrupt, the SP is incremented and the context is popped from the
stack.
A subroutine call occupies two locations and an interrupt five locations in the stack area.
15
8
00
00
00
0
1
7
0
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More