| Zakładka z wyszukiwarką danych komponentów |
|
STM8L151X6 Arkusz danych(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151X6 Arkusz danych(HTML) 36 Page - STMicroelectronics |
|
36 / 146 page ![]() Pin description STM8L151x6/8 STM8L152x6/8 36/146 DocID17943 Rev 10 -- 47 -(4) PE6/LCD_SEG26(3)/ PVD_IN/TIM5_BKIN/ USART3_TX/ [LCD_COM6](3) I/O FT(6) X XX HS X X Port E6 LCD segment 26 /PVD_IN /TIM5 break in- put / USART3 trans- mit/[LCD_COM6](3) 75 63 - - PE6/LCD_SEG26(3)/ PVD_IN/TIM5_BKIN I/O FT(6) X XX HS X X Port E6 LCD segment 26 /PVD_IN /TIM5 break in- put 76 64 - - PE7/LED_SEG27/ TIM5_ETR I/O FT(6) X XX HS X X Port E7 LCD segment 27/ TIM5 trigger -- 48 -(4) PE7/LED_SEG27/ TIM5_ETR/USART3_RX/ [LCD_COM7](3) I/O FT(6) X XX HS X X Port E7 LCD segment 27/ TIM5 trigger/ USART3 receive/ [LC- D_COM7](3) 77 - - - PI0/RTC_TAMP1/ [SPI2_NSS]/[TIM3_CH1] I/O FT(6) X X- HS X X Port I0 RTC tamper 1 input [SPI2 master/slave se- lect] [TIM3 channel 1 78 - - - PI1/RTC_TAMP2/ [SPI2_SCK] I/O FT(6) X X- HS X X Port I1 RTC tamper 2 input [SPI2 clock] 79 - - - PI2/RTC_TAMP3/ [SPI2_MOSI] I/O FT(6) X X- HS X X Port I2 RTC tamper 3 input [SPI2 master out- slave in] 80 - - - PI3/TIM5_CH1/ [SPI2_MISO]/[TIM3_CH2] I/O FT(6) X X- HS X X Port I3 TIM5 Channel 1 [SPI2 master in- slave out] [TIM3 channel 2] -- 32 -(4) PF0/ADC1_IN24/ DAC_OUT1 I/O - X XX HS X X Port F0 ADC1_IN24 / DAC 1 output -39 - - PF0/ADC1_IN24/ DAC_OUT1/[USART3_TX] I/O - X XX HS X X Port F0 ADC1_IN24 / DAC 1 output/ [USART3 transmit] 49 - - - PF0/ADC1_IN24/ DAC_OUT1/ [USART3_TX]/[SPI1_MISO] I/O - X XX HS X X Port F0 ADC1_IN24 / DAC 1 output/ [USART3 transmit] [SPI1 master in- slave out] Table 5. High-density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |