Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM8TL53x4 Arkusz danych(PDF) 20 Page - STMicroelectronics

Numer części STM8TL53x4
Szczegółowy opis  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL53x4 Arkusz danych(HTML) 20 Page - STMicroelectronics

Back Button STM8TL53x4 Datasheet HTML 16Page - STMicroelectronics STM8TL53x4 Datasheet HTML 17Page - STMicroelectronics STM8TL53x4 Datasheet HTML 18Page - STMicroelectronics STM8TL53x4 Datasheet HTML 19Page - STMicroelectronics STM8TL53x4 Datasheet HTML 20Page - STMicroelectronics STM8TL53x4 Datasheet HTML 21Page - STMicroelectronics STM8TL53x4 Datasheet HTML 22Page - STMicroelectronics STM8TL53x4 Datasheet HTML 23Page - STMicroelectronics STM8TL53x4 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
Pin description
STM8TL52x4 STM8TL53x4
20/84
DocID022344 Rev 7
Figure 4. STM8TL52G4U6 28-pin UFQFPN package pinout
1. HS corresponds to 20 mA high sink/source capability.
2. Power supply pins must be correctly decoupled with capacitors near the pins. Please refer to the power
supply circuitry details in Section 9.3.2: Power supply on page 46 and the STM8TL5xxx reference manual
(RM0312) Section 6: Power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84