Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AME8501CEFVCF16 Arkusz danych(PDF) 6 Page - Analog Microelectronics

Numer części AME8501CEFVCF16
Szczegółowy opis  UProcessor Supervisory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AME [Analog Microelectronics]
Strona internetowa  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501CEFVCF16 Arkusz danych(HTML) 6 Page - Analog Microelectronics

Back Button AME8501CEFVCF16 Datasheet HTML 2Page - Analog Microelectronics AME8501CEFVCF16 Datasheet HTML 3Page - Analog Microelectronics AME8501CEFVCF16 Datasheet HTML 4Page - Analog Microelectronics AME8501CEFVCF16 Datasheet HTML 5Page - Analog Microelectronics AME8501CEFVCF16 Datasheet HTML 6Page - Analog Microelectronics AME8501CEFVCF16 Datasheet HTML 7Page - Analog Microelectronics AME8501CEFVCF16 Datasheet HTML 8Page - Analog Microelectronics AME8501CEFVCF16 Datasheet HTML 9Page - Analog Microelectronics AME8501CEFVCF16 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AME, Inc.
6
µµµµµProcessor Supervisory
AME8500 / 8501
n Ordering Information (contd.)
Part Number
Marking
VTH Voltage
Package
Operating Temp. Range
AME8500AEETCF46
ARJww
4.63V
SOT-23
- 40
oC to + 85oC
AME8500AEETDF46
ARIww
4.63V
SOT-23
- 40
oC to + 85oC
AME8500AEFTAA21
A8500A
AA21ww
2.10V
SOT-89
- 40
oC to + 85oC
AME8500AEFTAF27
A8500A
AF27ww
2.70V
SOT-89
- 40
oC to + 85oC
AME8500AEFTCA21
A8500A
CA21ww
2.10V
SOT-89
- 40
oC to + 85oC
AME8500AEFTDA21
A8500A
DA21ww
2.10V
SOT-89
- 40
oC to + 85oC
AME8500BEETAA21
ARTww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500BEETAA27
ARMww
2.70V
SOT-23
- 40
oC to + 85oC
AME8500BEETAA28
ASRww
2.80V
SOT-23
- 40
oC to + 85oC
AME8500BEETAA29
ARZww
2.93V
SOT-23
- 40
oC to + 85oC
AME8500BEETAF27
AUCww
2.70V
SOT-23
- 40
oC to + 85oC
AME8500BEETAF29
AUVww
2.93V
SOT-23
- 40
oC to + 85oC
AME8500BEETAF31
ATOww
3.08V
SOT-23
- 40
oC to + 85oC
AME8500BEETAF40
ATQww
4.00V
SOT-23
- 40
oC to + 85oC
AME8500BEETBA21
AUWww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500BEETBA22
AVDww
2.20V
SOT-23
- 40
oC to + 85oC
AME8500BEETBA24
AUXww
2.40V
SOT-23
- 40
oC to + 85oC
AME8500BEETBA27
ASQww
2.70V
SOT-23
- 40
oC to + 85oC
AME8500BEETBA28
ASSww
2.80V
SOT-23
- 40
oC to + 85oC
AME8500BEETBA28L
ASSww
2.80V
SOT-23
- 40
oC to + 85oC
AME8500BEETBA28Y
ASSww
2.80V
SOT-23
- 40
oC to + 85oC
AME8500BEETBA29
ARLww
2.93V
SOT-23
- 40
oC to + 85oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com