| Zakładka z wyszukiwarką danych komponentów |
|
STM32F048C6 Arkusz danych(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F048C6 Arkusz danych(HTML) 30 Page - STMicroelectronics |
|
30 / 98 page ![]() Pinouts and pin descriptions STM32F048C6 STM32F048G6 STM32F048T6 30/98 DocID026007 Rev 6 32 C2 19(5) PA11 I/O FTf (5) USART1_CTS, TIM1_CH4, TSC_G4_IO3, EVENTOUT, I2C1_SCL USB_DM 33 A1 20(5) PA12 I/O FTf (5) USART1_RTS, TIM1_ETR, TSC_G4_IO4, EVENTOUT, I2C1_SDA USB_DP 34 B1 21 PA13 I/O FT (5)(6) IR_OUT, SWDIO USB_NOE - 35 - - VSS S - - Ground 36 E1 18 VDDIO2 S - - Digital power supply 37 B2 22 PA14 I/O FT (5) (6) USART2_TX, SWCLK - 38 A2 23 PA15 I/O FT (5) SPI1_NSS, I2S1_WS, USART2_RX, TIM2_CH1_ETR, EVENTOUT, USB_NOE - 39 B3 24 PB3 I/O FT - SPI1_SCK, I2S1_CK, TIM2_CH2, TSC_G5_IO1, EVENTOUT - 40 A3 25 PB4 I/O FT - SPI1_MISO, I2S1_MCK, TIM17_BKIN, TIM3_CH1, TSC_G5_IO2, EVENTOUT - 41 E6 26 PB5 I/O FT - SPI1_MOSI, I2S1_SD, I2C1_SMBA, TIM16_BKIN, TIM3_CH2 WKUP6 42 C4 27 PB6 I/O FTf - I2C1_SCL, USART1_TX, TIM16_CH1N, TSC_G5_I03 - 43 A4 28 PB7 I/O FTf - I2C1_SDA, USART1_RX, TIM17_CH1N, TSC_G5_IO4 - 44 - - PF11-BOOT0 I/O FTf - - Boot memory selection - B4 1 PB8-BOOT0 I/O FTf - I2C1_SCL, CEC, TIM16_CH1, TSC_SYNC Boot memory selection 45 - - PB8 I/O FTf - I2C1_SCL, CEC, TIM16_CH1, TSC_SYNC - 46 - - PB9 I/O FTf - SPI2_NSS, I2C1_SDA, IR_OUT, TIM17_CH1, EVENTOUT - Table 12. STM32F048x6 pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate function Additional functions |