| Zakładka z wyszukiwarką danych komponentów |
|
STM32F070F6 Arkusz danych(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F070F6 Arkusz danych(HTML) 29 Page - STMicroelectronics |
|
29 / 83 page ![]() DocID027114 Rev 3 29/83 STM32F070CB/RB/C6/F6 Pinouts and pin descriptions 29 59 43 - PB7 I/O FTf (4) I2C1_SDA, USART1_RX, USART4_CTS, TIM17_CH1N - 60 44 1 BOOT0 I B - Boot memory selection 61 45 - PB8 I/O FTf - I2C1_SCL, TIM16_CH1 - 62 46 - PB9 I/O FTf (4) SPI2_NSS, I2C1_SDA, IR_OUT, TIM17_CH1, EVENTOUT - 63 47 - VSS S - - Ground 64 48 - VDD S - - Digital power supply 1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3 mA), the use of GPIOs PC13 to PC15 in output mode is limited: - The speed should not exceed 2 MHz with a maximum load of 30 pF. - These GPIOs must not be used as current sources (e.g. to drive an LED). 2. After the first RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the RTC domain and RTC register descriptions in the reference manual. 3. Available on STM32F070C6/F6 devices only. 4. TIM15, I2C2, WKUP4, WKUP5, WKUP6, WKUP7, SPI2, USART3 and USART4 are available on STM32F070CB/RB devices only. 5. On STM32F070C6/F6 devices, pin pair PA11/12 can be remapped instead of pin pair PA9/10 using SYSCFG_CFGR1 register. 6. After reset, these pins are configured as SWDIO and SWCLK alternate functions, and the internal pull-up on the SWDIO pin and the internal pull-down on the SWCLK pin are activated. Table 10. STM32F070xB/6 pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate functions Additional functions |