| Zakładka z wyszukiwarką danych komponentów |
|
STM32F078CB Arkusz danych(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F078CB Arkusz danych(HTML) 117 Page - STMicroelectronics |
|
117 / 120 page ![]() DocID026006 Rev 4 117/120 STM32F078CB, STM32F078RB, STM32F078VB Ordering information 117 8 Ordering information For a list of available options (memory, package, and so on) or for further information on any aspect of this device, please contact your nearest ST sales office. Table 77. Ordering information scheme Example : STM32 F 078 R B T 6 x Device family STM32 = ARM-based 32-bit microcontroller Product type F = General-purpose Sub-family 078 = STM32F078xx Pin count C = 48/49 pins R = 64 pins V = 100 pins User code memory size B = 128 Kbyte Package H = UFBGA T = LQFP U = UFQFPN Y = WLCSP Temperature range 6 = –40 to 85 °C 7 = –40 to 105 °C Options xxx = code ID of programmed parts (includes packing type) TR = tape and reel packing blank = tray packing |