| Zakładka z wyszukiwarką danych komponentów |
|
STM32F098CC Arkusz danych(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F098CC Arkusz danych(HTML) 40 Page - STMicroelectronics |
|
40 / 128 page ![]() Pinouts and pin descriptions STM32F098CC STM32F098RC STM32F098VC 40/128 DocID026967 Rev 4 B7 85 -- -- PD4 I/O FT SPI2_MOSI, I2S2_SD, USART2_RTS - A6 86 - - - - PD5 I/O FT USART2_TX - B6 87 - - - - PD6 I/O FT USART2_RX - A5 88 - - - - PD7 I/O FT USART2_CK - A8 89 A5 55 D4 39 PB3 I/O FT SPI1_SCK, I2S1_CK, TIM2_CH2, TSC_G5_IO1, EVENTOUT, USART5_TX - A7 90 A4 56 D5 40 PB4 I/O FT SPI1_MISO, I2S1_MCK, TIM17_BKIN, TIM3_CH1, TSC_G5_IO2, EVENTOUT, USART5_RX - C5 91 C4 57 C5 41 PB5 I/O FT SPI1_MOSI, I2S1_SD, I2C1_SMBA, TIM16_BKIN, TIM3_CH2, USART5_CK_RTS WKUP6 B5 92 D3 58 A5 42 PB6 I/O FTf I2C1_SCL, USART1_TX, TIM16_CH1N, TSC_G5_I03 - B4 93 C3 59 B5 43 PB7 I/O FTf I2C1_SDA, USART1_RX, USART4_CTS, TIM17_CH1N, TSC_G5_IO4 - A4 94 B4 60 C6 44 PF11-BOOT0 I/O FT - Boot memory selection A3 95 B3 61 A6 45 PB8 I/O FTf I2C1_SCL, CEC, TIM16_CH1, TSC_SYNC, CAN_RX - B3 96 A3 62 B6 46 PB9 I/O FTf SPI2_NSS, I2S2_WS, I2C1_SDA, IR_OUT, TIM17_CH1, EVENTOUT, CAN_TX - C3 97 - - - - PE0 I/O FT EVENTOUT, TIM16_CH1 - A2 98 - - - - PE1 I/O FT EVENTOUT, TIM17_CH1 - Table 12. STM32F098CC/RC/VC pin definitions (continued) Pin numbers Pin name (function upon reset) Pin functions Alternate functions Additional functions |