| Zakładka z wyszukiwarką danych komponentów |
|
STM32F302C6 Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302C6 Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 138 page ![]() Functional overview STM32F302x6 STM32F302x8 16/138 DocID025147 Rev 6 Note: For more details about the interconnect actions, please refer to the corresponding sections in the STM32F302xx and STM32F302x6/8 reference manual RM0365. Table 3. STM32F302x6/8 peripheral interconnect matrix Interconnect source Interconnect destination Interconnect action TIMx TIMx Timers synchronization or chaining ADC1 DAC1 Conversion triggers DMA Memory to memory transfer trigger Compx Comparator output blanking COMPx TIMx Timer input: OCREF_CLR input, input capture ADC1 TIM1 Timer triggered by analog watchdog GPIO RTCCLK HSE/32 MC0 TIM16 Clock source used as input channel for HSI and LSI calibration CSS CPU (hard fault) COMPx PVD GPIO TIM1 TIM15, 16, 17 Timer break GPIO TIMx External trigger, timer break ADC1 DAC1 Conversion external trigger DAC1 COMPx Comparator inverting input |