Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F383RC Arkusz danych(PDF) 12 Page - STMicroelectronics

Numer części STM32F383RC
Szczegółowy opis  Reset and power management
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F383RC Arkusz danych(HTML) 12 Page - STMicroelectronics

Back Button STM32F383RC Datasheet HTML 8Page - STMicroelectronics STM32F383RC Datasheet HTML 9Page - STMicroelectronics STM32F383RC Datasheet HTML 10Page - STMicroelectronics STM32F383RC Datasheet HTML 11Page - STMicroelectronics STM32F383RC Datasheet HTML 12Page - STMicroelectronics STM32F383RC Datasheet HTML 13Page - STMicroelectronics STM32F383RC Datasheet HTML 14Page - STMicroelectronics STM32F383RC Datasheet HTML 15Page - STMicroelectronics STM32F383RC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 125 page
background image
Functional overview
STM32F383xx
12/125
DocID023367 Rev 2
3
Functional overview
3.1
ARM® Cortex™-M4 core with embedded Flash and SRAM
The ARM Cortex-M4 processor is the latest generation of ARM processors for embedded
systems. It was developed to provide a low-cost platform that meets the needs of MCU
implementation, with a reduced pin count and low-power consumption, while delivering
outstanding computational performance and an advanced response to interrupts.
The ARM Cortex-M4 32-bit RISC processor features exceptional code-efficiency, delivering
the high-performance expected from an ARM core in the memory size usually associated
with 8- and 16-bit devices.
The processor supports a set of DSP instructions which allow efficient signal processing and
complex algorithm execution.
Its single precision FPU speeds up software development by using metalanguage
development tools, while avoiding saturation.
With its embedded ARM core, the STM32F383xx family is compatible with all ARM tools
and software.
Figure 1 shows the general block diagram of the STM32F383xx family.
3.2
Memory protection unit
The memory protection unit (MPU) is used to separate the processing of tasks from the data
protection. The MPU can manage up to 8 protection areas that can all be further divided up
into 8 subareas. The protection area sizes are between 32 bytes and the whole 4 gigabytes
of addressable memory.
The memory protection unit is especially helpful for applications where some critical or
certified code has to be protected against the misbehavior of other tasks. It is usually
managed by an RTOS (real-time operating system). If a program accesses a memory
location that is prohibited by the MPU, the RTOS can detect it and take action. In an RTOS
environment, the kernel can dynamically update the MPU area setting, based on the
process to be executed.
The MPU is optional and can be bypassed for applications that do not need it.
The Cortex-M4 processor is a high performance 32-bit processor designed for the
microcontroller market. It offers significant benefits to developers, including:
•
Outstanding processing performance combined with fast interrupt handling
•
Enhanced system debug with extensive breakpoint and trace capabilities
•
Efficient processor core, system and memories
•
Ultralow power consumption with integrated sleep modes
•
Platform security robustness with optional integrated memory protection unit (MPU).
With its embedded ARM core, the STM32F383xx devices are compatible with all ARM
development tools and software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More