| Zakładka z wyszukiwarką danych komponentów |
|
STM32F765BI Arkusz danych(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F765BI Arkusz danych(HTML) 38 Page - STMicroelectronics |
|
38 / 255 page ![]() Functional overview STM32F765xx STM32F767xx STM32F768Ax STM32F769xx 38/255 DocID029041 Rev 4 Table 6. Timer feature comparison Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/ compare channels Complem entary output Max interface clock (MHz) Max timer clock (MHz)(1) Advanced -control TIM1, TIM8 16-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 Yes 108 216 General purpose TIM2, TIM5 32-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 No 54 108/216 TIM3, TIM4 16-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 No 54 108/216 TIM9 16-bit Up Any integer between 1 and 65536 No 2 No 108 216 TIM10, TIM11 16-bit Up Any integer between 1 and 65536 No 1 No 108 216 TIM12 16-bit Up Any integer between 1 and 65536 No 2 No 54 108/216 TIM13, TIM14 16-bit Up Any integer between 1 and 65536 No 1 No 54 108/216 Basic TIM6, TIM7 16-bit Up Any integer between 1 and 65536 Yes 0 No 54 108/216 1. The maximum timer clock is either 108 or 216 MHz depending on TIMPRE bit configuration in the RCC_DCKCFGR register. |