Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F732ICT6 Arkusz danych(PDF) 100 Page - STMicroelectronics

Numer części STM32F732ICT6
Szczegółowy opis  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICT6 Arkusz danych(HTML) 100 Page - STMicroelectronics

Back Button STM32F732ICT6 Datasheet HTML 96Page - STMicroelectronics STM32F732ICT6 Datasheet HTML 97Page - STMicroelectronics STM32F732ICT6 Datasheet HTML 98Page - STMicroelectronics STM32F732ICT6 Datasheet HTML 99Page - STMicroelectronics STM32F732ICT6 Datasheet HTML 100Page - STMicroelectronics STM32F732ICT6 Datasheet HTML 101Page - STMicroelectronics STM32F732ICT6 Datasheet HTML 102Page - STMicroelectronics STM32F732ICT6 Datasheet HTML 103Page - STMicroelectronics STM32F732ICT6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 122 page
background image
Memory mapping
STM32F732xx STM32F733xx
100/122
DocID028480 Rev 1
0x4001 8000- 0x4001 FFFF
Reserved
APB2
0x4001 7C00 - 0x4001 7FFF
OTG PHY HS Controller(2)
0x4001 6000- 0x4001 7BFF
Reserved
0x4001 5C00 - 0x4001 5FFF
SAI2
0x4001 5800 - 0x4001 5BFF
SAI1
0x4001 5400 - 0x4001 57FF
Reserved
0x4001 5000 - 0x4001 53FF
SPI5
0x4001 4C00 - 0x4001 4FFF
Reserved
0x4001 4800 - 0x4001 4BFF
TIM11
0x4001 4400 - 0x4001 47FF
TIM10
0x4001 4000 - 0x4001 43FF
TIM9
0x4001 3C00 - 0x4001 3FFF
EXTI
0x4001 3800 - 0x4001 3BFF
SYSCFG
0x4001 3400 - 0x4001 37FF
SPI4
0x4001 3000 - 0x4001 33FF
SPI1/I2S1
0x4001 2C00 - 0x4001 2FFF
SDMMC1
0x4001 2400 - 0x4001 2BFF
Reserved
0x4001 2000 - 0x4001 23FF
ADC1 - ADC2 - ADC3
0x4001 1C00- 0x4001 1FFF
SDMMC2
0x4001 1800 - 0x4001 1BFF
Reserved
0x4001 1400 - 0x4001 17FF
USART6
0x4001 1000 - 0x4001 13FF
USART1
0x4001 0800 - 0x4001 0FFF
Reserved
0x4001 0400 - 0x4001 07FF
TIM8
0x4001 0000 - 0x4001 03FF
TIM1
Table 13. STM32F732xx and STM32F733xx register boundary
addresses(1) (continued)
Bus
Boundary address
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More