Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L152VCT6A Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części STM32L152VCT6A
Szczegółowy opis  Ultra-low-power platform
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VCT6A Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button STM32L152VCT6A Datasheet HTML 7Page - STMicroelectronics STM32L152VCT6A Datasheet HTML 8Page - STMicroelectronics STM32L152VCT6A Datasheet HTML 9Page - STMicroelectronics STM32L152VCT6A Datasheet HTML 10Page - STMicroelectronics STM32L152VCT6A Datasheet HTML 11Page - STMicroelectronics STM32L152VCT6A Datasheet HTML 12Page - STMicroelectronics STM32L152VCT6A Datasheet HTML 13Page - STMicroelectronics STM32L152VCT6A Datasheet HTML 14Page - STMicroelectronics STM32L152VCT6A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 134 page
background image
DocID026119 Rev 6
11/134
STM32L151xC/C-A STM32L152xC/C-A
Description
54
2.1
Device overview
Table 2. Ultra-low-power STM32L151xC/C-A and STM32L152xC/C-A device features
and peripheral counts
Peripheral
STM32L15xRC-A
STM32L15xVC-A
STM32L15xQC
STM32L15xZC
Flash (Kbytes)
256
Data EEPROM (Kbytes)
8
RAM (Kbytes)
32
Timers
32 bit
1
General-
purpose
6
Basic
2
Communi-
cation
interfaces
SPI
8(3)(1)
I2S
2
I2C
2
USART
3
USB
1
GPIOs
51
83
109
115
Operation amplifiers
2
12-bit synchronized ADC
Number of channels
1
21
1
25
1
40
1
40
12-bit DAC
Number of channels
2
2
LCD (STM32L152xx devices
only)
COM x SEG
1
4x32
or 8x28
1
4x44 or 8x40
Comparators
2
Capacitive sensing channels
23
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 V to 3.6 V without BOR option
Operating temperatures
Ambient operating temperature: -40 °C to 85 °C / -40 °C to 105 °C
Junction temperature: –40 to + 110 °C
Packages
LQFP64,
WLCSP64
LQFP100
UFBGA132
LQFP144
1. 5 SPIs are USART configured in synchronous mode emulating SPI master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More