| Zakładka z wyszukiwarką danych komponentów |
|
STM32L151VC-A Arkusz danych(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VC-A Arkusz danych(HTML) 95 Page - STMicroelectronics |
|
95 / 134 page ![]() DocID026119 Rev 6 95/134 STM32L151xC/C-A STM32L152xC/C-A Electrical characteristics 113 Figure 20. I2C bus AC waveforms and measurement circuit 1. RS = series protection resistor. 2. RP = external pull-up resistor. 3. VDD_I2C is the I2C bus power supply. 4. Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD. Table 48. SCL frequency (fPCLK1= 32 MHz, VDD = VDD_I2C = 3.3 V)(1)(2) 1. RP = External pull-up resistance, fSCL = I2C speed. 2. For speeds around 200 kHz, the tolerance on the achieved speed is of ±5%. For other speed ranges, the tolerance on the achieved speed is ±2%. These variations depend on the accuracy of the external components used to design the application. fSCL (kHz) I2C_CCR value RP = 4.7 kΩ 400 0x801B 300 0x8024 200 0x8035 100 0x00A0 50 0x0140 20 0x0320 |