Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L151VC-A Arkusz danych(PDF) 117 Page - STMicroelectronics

Numer części STM32L151VC-A
Szczegółowy opis  Ultra-low-power platform
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VC-A Arkusz danych(HTML) 117 Page - STMicroelectronics

Back Button STM32L151VC-A Datasheet HTML 113Page - STMicroelectronics STM32L151VC-A Datasheet HTML 114Page - STMicroelectronics STM32L151VC-A Datasheet HTML 115Page - STMicroelectronics STM32L151VC-A Datasheet HTML 116Page - STMicroelectronics STM32L151VC-A Datasheet HTML 117Page - STMicroelectronics STM32L151VC-A Datasheet HTML 118Page - STMicroelectronics STM32L151VC-A Datasheet HTML 119Page - STMicroelectronics STM32L151VC-A Datasheet HTML 120Page - STMicroelectronics STM32L151VC-A Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 134 page
background image
DocID026119 Rev 6
117/134
STM32L151xC/C-A STM32L152xC/C-A
Package information
133
7.2
LQFP100, 14 x 14 mm, 100-pin low-profile quad flat package
information
Figure 34. LQFP100, 14 x 14 mm, 100-pin low-profile quad flat package outline
1. Drawing is not to scale.
Table 66. LQPF100, 14 x 14 mm, 100-pin low-profile quad flat package mechanical
data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
-
-
1.600
-
-
0.0630
A1
0.050
-
0.150
0.0020
-
0.0059
A2
1.350
1.400
1.450
0.0531
0.0551
0.0571
b
0.170
0.220
0.270
0.0067
0.0087
0.0106
c
0.090
-
0.200
0.0035
-
0.0079
D
15.800
16.000
16.200
0.6220
0.6299
0.6378
D1
13.800
14.000
14.200
0.5433
0.5512
0.5591
D3
-
12.000
-
-
0.4724
-
E
15.800
16.000
16.200
0.6220
0.6299
0.6378
E1
13.800
14.000
14.200
0.5433
0.5512
0.5591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More