| Zakładka z wyszukiwarką danych komponentów |
|
STM32L152VCT6 Arkusz danych(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152VCT6 Arkusz danych(HTML) 66 Page - STMicroelectronics |
|
66 / 136 page ![]() Electrical characteristics STM32L151xC STM32L152xC 66/136 DocID022799 Rev 12 Table 23. Typical and maximum current consumptions in Stop mode Symbol Parameter Conditions Typ Max(1) Unit IDD (Stop with RTC) Supply current in Stop mode with RTC enabled RTC clocked by LSI or LSE external clock (32.768kHz), regulator in LP mode, HSI and HSE OFF (no independent watchdog) LCD OFF TA = -40°C to 25°C VDD = 1.8 V 1.15 - µA TA = -40°C to 25°C 1.4 - TA = 55°C 2 - TA= 85°C 3.4 10 TA = 105°C 6.35 23 LCD ON (static duty)(2) TA = -40°C to 25°C 1.55 6 TA = 55°C 2.15 7 TA= 85°C 3.55 12 TA = 105°C 6.3 27 LCD ON (1/8 duty)(3) TA = -40°C to 25°C 3.9 10 TA = 55°C 4.65 11 TA= 85°C 6.25 16 TA = 105°C 9.1 44 RTC clocked by LSE external quartz (32.768kHz), regulator in LP mode, HSI and HSE OFF (no independent watchdog(4) LCD OFF TA = -40°C to 25°C 1.5 - TA = 55°C 2.15 - TA= 85°C 3.7 - TA = 105°C 6.75 - LCD ON (static duty)(2) TA = -40°C to 25°C 1.6 - TA = 55°C 2.3 - TA= 85°C 3.8 - TA = 105°C 6.85 - LCD ON (1/8 duty)(3) TA = -40°C to 25°C 4 - TA = 55°C 4.85 - TA= 85°C 6.5 - TA = 105°C 9.1 - LCD OFF TA = -40°C to 25°C VDD = 1.8V 1.2 - TA = -40°C to 25°C VDD = 3.0V 1.5 - TA = -40°C to 25°C VDD = 3.6V 1.75 - |