| Zakładka z wyszukiwarką danych komponentów |
|
STM32L15xVC-A Arkusz danych(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L15xVC-A Arkusz danych(HTML) 85 Page - STMicroelectronics |
|
85 / 134 page ![]() DocID026119 Rev 6 85/134 STM32L151xC/C-A STM32L152xC/C-A Electrical characteristics 113 Flash memory and data EEPROM Table 35. Flash memory and data EEPROM characteristics Symbol Parameter Conditions Min Typ Max(1) 1. Guaranteed by design. Unit VDD Operating voltage Read / Write / Erase -1.65 - 3.6 V tprog Programming/ erasing time for byte / word / double word / half-page Erasing - 3.28 3.94 ms Programming - 3.28 3.94 IDD Average current during the whole programming / erase operation TA = 25 °C, VDD = 3.6 V - 600 900 µA Maximum current (peak) during the whole programming / erase operation -1.5 2.5 mA Table 36. Flash memory and data EEPROM endurance and retention Symbol Parameter Conditions Value Unit Min(1) 1. Guaranteed by characterization results. Typ Max NCYC(2) Cycling (erase / write) Program memory TA = -40°C to 105 °C 10 -- kcycles Cycling (erase / write) EEPROM data memory 300 -- tRET(2) 2. Characterization is done according to JEDEC JESD22-A117. Data retention (program memory) after 10 kcycles at TA = 85 °C TRET = +85 °C 30 - - years Data retention (EEPROM data memory) after 300 kcycles at TA = 85 °C 30 - - Data retention (program memory) after 10 kcycles at TA = 105 °C TRET = +105 °C 10 - - Data retention (EEPROM data memory) after 300 kcycles at TA = 105 °C 10 - - |