| Zakładka z wyszukiwarką danych komponentów |
|
STM32L431 Arkusz danych(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L431 Arkusz danych(HTML) 59 Page - STMicroelectronics |
|
59 / 200 page ![]() DocID028800 Rev 1 59/200 STM32L431xx Pinouts and pin description 77 - 27 27 E1 G1 35 F8 53 K11 PB14 I/O FT_f - TIM1_CH2N, I2C2_SDA, SPI2_MISO, USART3_RTS_DE, TSC_G1_IO3, SWPMI1_RX, SAI1_MCLK_A, TIM15_CH1, EVENTOUT - - 28 28 D3 F2 36 F7 54 K10 PB15 I/O FT - RTC_REFIN, TIM1_CH3N, SPI2_MOSI, TSC_G1_IO4, SWPMI1_SUSPEND, SAI1_SD_A, TIM15_CH2, EVENTOUT - --- - - - - 55 K9 PD8 I/O FT - USART3_TX, EVENTOUT - --- - - - - 56 K8 PD9 I/O FT - USART3_RX, EVENTOUT - --- - - - - 57 J12 PD10 I/O FT - USART3_CK, TSC_G6_IO1, EVENTOUT - --- - - - - 58 J11 PD11 I/O FT - USART3_CTS, TSC_G6_IO2, LPTIM2_ETR, EVENTOUT - --- - - - - 59 J10 PD12 I/O FT - USART3_RTS_DE, TSC_G6_IO3, LPTIM2_IN1, EVENTOUT - - - - - - - - 60 H12 PD13 I/O FT - TSC_G6_IO4, LPTIM2_OUT, EVENTOUT - - - - - - - - 61 H11 PD14 I/O FT - EVENTOUT - - - - - - - - 62 H10 PD15 I/O FT - EVENTOUT - --- - F1 37 F6 63 E12 PC6 I/O FT - TSC_G4_IO1, SDMMC1_D6, EVENTOUT - --- - E1 38 E7 64 E11 PC7 I/O FT - TSC_G4_IO2, SDMMC1_D7, EVENTOUT - Table 14. STM32L431xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |