Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z8F64820100ZCOG Arkusz danych(PDF) 21 Page - Zilog, Inc.

Numer części Z8F64820100ZCOG
Szczegółowy opis  Power to the Board with overcurrent protection
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZILOG [Zilog, Inc.]
Strona internetowa  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F64820100ZCOG Arkusz danych(HTML) 21 Page - Zilog, Inc.

Back Button Z8F64820100ZCOG Datasheet HTML 17Page - Zilog, Inc. Z8F64820100ZCOG Datasheet HTML 18Page - Zilog, Inc. Z8F64820100ZCOG Datasheet HTML 19Page - Zilog, Inc. Z8F64820100ZCOG Datasheet HTML 20Page - Zilog, Inc. Z8F64820100ZCOG Datasheet HTML 21Page - Zilog, Inc. Z8F64820100ZCOG Datasheet HTML 22Page - Zilog, Inc. Z8F64820100ZCOG Datasheet HTML 23Page - Zilog, Inc. Z8F64820100ZCOG Datasheet HTML 24Page - Zilog, Inc. Z8F64820100ZCOG Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
UM026302-0916
F6482 Series Development Board
Z8 Encore! XP® F6482 Series Development Kit
User Manual
13
2. Connect the other end to your PC.
3. In HyperTerminal, choose File Properties; then, if your PC has a serial interface,
select the COM port assigned to your serial port. If you do not have a serial port on
your PC, use a USB-to-serial adapter (not included in the kit).
4. From the Windows Control Panel, navigate via the Device Manager to Ports (COM &
LPT)
to determine the correct COM port assigned to your adapter. Configure this port
to reflect the following settings:
57600 bps
8 data bits
No parity
1 stop bit
No flow control
5. In HyperTerminal, click the Call button to connect to the F6482 Series Development
Board. When connected, you should be able to see the demonstration program menu
shown in Figure 11.
F6482 Series Development Board
The purpose of the F6482 Series Development Kit is to provide a set of hardware and soft-
ware tools for applications based on the Z8F6482 microcontroller. An image of the F6482
Series Development Board is shown in Figure 12; a block diagram is shown in Figure 13.
Table 2. USB to TTL Serial Converter Connections
Z8F6482 Board
USB to TTL Serial Converter
J20-1 VCC
5V
J20-4 RXD
TXD
J20-5 TXD
RXD
J20-6 GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com