Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP3420AV Arkusz danych(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części TP3420AV
Szczegółowy opis  ISDN S/T Interface Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3420AV Arkusz danych(HTML) 14 Page - National Semiconductor (TI)

Back Button TP3420AV Datasheet HTML 10Page - National Semiconductor (TI) TP3420AV Datasheet HTML 11Page - National Semiconductor (TI) TP3420AV Datasheet HTML 12Page - National Semiconductor (TI) TP3420AV Datasheet HTML 13Page - National Semiconductor (TI) TP3420AV Datasheet HTML 14Page - National Semiconductor (TI) TP3420AV Datasheet HTML 15Page - National Semiconductor (TI) TP3420AV Datasheet HTML 16Page - National Semiconductor (TI) TP3420AV Datasheet HTML 17Page - National Semiconductor (TI) TP3420AV Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Functional Description (Continued)
DIGITAL INTERFACE FORMATS
DIF1)
DIF2)
DIF3)
DIF4)
These instructions select the format of the
Digital Interface timing, see
Figure 3 and
Figure 4.
BCLK FREQUENCY SETTINGS
BCLK1
BCLK2
BCLK3
BCLK4
These instructions change the frequency of a
selected Digital Interface Format. They
should only be used after the Digital
Interface Format has been selected.
However, if another DIF command is applied
after this command, it will override the BCLK
setting.
The default BCLK settings for the DIF
formats are as follows:
DIF1→BCLK1
DIF2→BCLK2
DIF3→BCLK3
DIF4→BCLK4
B CHANNEL CONTROL
BDIR)
BEX )
These commands provide for the exchange
of data between the B1 and B2 channels as
it passes through the device, (Note 10).
B1E)
B1D)
B2E)
B2D)
When either or both B channels are
disabled, binary 1s are transmitted on the
line in those B channel bit positions,
regardless of data at the Bx input, and the
Br output is TRI-STATE in those bit
positions.
INVB1,
INVB2
NRMB12
These commands allow control over the
polarity of the data transmitted over the B1
and B2 channel. The default or the NRMB12
command sets the data to be operated in
normal mode. See section on operation over
restricted channels.
Note 10: When enabling a B channel in conjunction with the BEX Com-
mand, the channels are referenced at the Digital System Interface, not the
line interface e.g. to connect the B1 slot on the DSI with the B2 slot on the line
interface, use the BEX and B1E commands.
D CHANNEL ACCESS
DREQ1)
DREQ2)
This is a request from Layer 2 device to the
TP3420A (in the TE modes) to attempt to
transmit a D channel message at the S
interface. Use DREQ1 to select the access
priority for a Class 1 message (Q.931
Signaling), or DREQ2 for a Class 2
message.
DACCE)
DACCD)
DACCD is the power-up default condition in
TES mode, and DACCE is the power-up
default condition in TEM mode. The D
channel Access algorithm can be enabled
(by DACCE) or disabled (DACCD) in both
TES mode or TEM mode. The D support a
passive bus network lines. The DENx pin
signal provides the flow control strobe
according to the access algorithm.
DCKE)
This command alters pin signals to provide
direct D-channel flow control with certain
HDLC devices. Pin 8 provides gated (DEN
x)
DTCK, Pin 18 provides gated (DEN
R) DRCK,
and Pin 11 inputs TxD data.
See applications note to interface with
MC68302 for use of this command.
EIE
Enable EOM interrupt.
EID
Disable EOM interrupt.
EBITI,
EBIT0,
EBITNRM
These commands allow control over the
D-Echo bit generated in the NT mode
device. The default state or the EBITNRM
command sets Echo bit to its normal
condition which is to reflect the received D
bit back out to the TEs as the Echo bit. The
EBIT0 command forces the Echo bit to be
set to “0” on every frame going back to the
TEs. The EBITI command forces the
transmitted Echo bit to be inverted from that
which is computed from incoming D bits.
LOOPBACK TEST MODES
Three classes of loopback mode are available on the SID,
selected by writing the appropriate Control instruction.
LBS
This loopback at the system interface loops the two
B channels and the D channel from the B
x input to
the B
r output. It may be set either when the device
is activated, in which case it is transparent (i.e. the
channels are also transmitted to the line), or when
it is deactivated.
LBL1/2 These loopbacks turn each individual B channel
from the line receive input back to the line transmit
output. They may be set separately or together.
LBB1/2 These loopbacks at the Digital System Interface
loop the B1 (LBB1) or the B2 (LBB2) channel data
from the B
x input to the Br output. The Bx input data
is also sent to the line transmit output.
CAL
This command clears all loopbacks.
EXTERNAL SELF-ACTIVATING LOOPBACK
A quick self-test of the device is possible by connecting to-
gether the line sides of the transmit and receive transform-
ers. NTA or NTF mode must be selected, and the device can
then be activated by the normal command sequence (Note
11).
Note 11: This test mode is not possible by direct connection of Lo± and Li±
pins due to incompatible internal bias voltages.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32