| Zakładka z wyszukiwarką danych komponentów |
|
932SQL456AGLF Arkusz danych(PDF) 14 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
932SQL456AGLF Arkusz danych(HTML) 14 Page - Integrated Device Technology |
|
14 / 23 page ![]() LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES 14 REVISION B 09/29/15 932SQL456 DATASHEET General SMBus Serial Interface Information for 932SQL456 How to Write • Controller (host) sends a start bit • Controller (host) sends the write address • IDT clock will acknowledge • Controller (host) sends the beginning byte location = N • IDT clock will acknowledge • Controller (host) sends the byte count = X • IDT clock will acknowledge • Controller (host) starts sending Byte N through Byte N+X-1 • IDT clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read • Controller (host) will send a start bit • Controller (host) sends the write address • IDT clock will acknowledge • Controller (host) sends the beginning byte location = N • IDT clock will acknowledge • Controller (host) will send a separate start bit • Controller (host) sends the read address • IDT clock will acknowledge • IDT clock will send the data byte count = X • IDT clock sends Byte N+X-1 • IDT clock sends Byte 0 through Byte X (if X(H) was written to Byte 8) • Controller (host) will need to acknowledge each byte • Controller (host) will send a not acknowledge bit • Controller (host) will send a stop bit Index Block Write Operation Controller (Host) IDT (Slave/Receiver) TstarT bit Slave Address D2(H) WR WRite ACK Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK O OO OO O Byte N + X - 1 ACK PstoP bit Read Address Write Address D3(H) D2(H) Index Block Read Operation Controller (Host) IDT (Slave/Receiver) TstarT bit Slave Address D2(H) WR WRite ACK Beginning Byte = N ACK RT Repeat starT Slave Address D3(H) RD ReaD ACK Data Byte Count=X ACK Beginning Byte N ACK O OO OO O Byte N + X - 1 N Not acknowledge PstoP bit |