| Zakładka z wyszukiwarką danych komponentów |
|
DM54132 Arkusz danych(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM54132 Arkusz danych(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6542 June 1989 DM54132DM74132 Quad 2-Input NAND Gates with Schmitt Trigger Inputs General Description This device contains four independent gates each of which performs the logic NAND function Each input has hystere- sis which increases the noise immunity and transforms a slowly changing input signal to a fast changing jitter-free output Connection Diagram Dual-In-Line Package TLF6542 – 1 Order Number DM54132J or DM74132N See NS Package Number J14A or N14A Function Table Y e AB Inputs Output AB Y LL H LH H HL H HH L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Podobny numer części - DM54132 |
|
Podobny opis - DM54132 |