Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DMV1500HFD Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części DMV1500HFD
Szczegółowy opis  DAMPER MODULATION DIODE FOR VIDEO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500HFD Arkusz danych(HTML) 4 Page - STMicroelectronics

  DMV1500HFD Datasheet HTML 1Page - STMicroelectronics DMV1500HFD Datasheet HTML 2Page - STMicroelectronics DMV1500HFD Datasheet HTML 3Page - STMicroelectronics DMV1500HFD Datasheet HTML 4Page - STMicroelectronics DMV1500HFD Datasheet HTML 5Page - STMicroelectronics DMV1500HFD Datasheet HTML 6Page - STMicroelectronics DMV1500HFD Datasheet HTML 7Page - STMicroelectronics DMV1500HFD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMV1500H
4/8
Figure
5:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
Figure 6: Non repetitive peak forward current
versus overload duration (damper diode)
Figure 7: Non repetitive peak forward current
versus overload duration (modulation diode)
Figure 8: Reverse recovery charges versus
dIF/dt (damper diode)
Figure 9: Reverse recovery charges versus
dIF/dt (modulation diode)
Figure 10: Peak reverse recovery current
versus dIF/dt (damper diode)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z/R
th(j-c)
th(j-c)
t (s)
p
DAMPER diode
MODULATION diode
Single pulse
0
5
10
15
20
25
30
35
1.E-03
1.E-02
1.E-01
1.E+00
I (A)
M
T =25°C
C
T =75°C
C
T =125°C
C
t(s)
IM
t
δ=0.5
0
5
10
15
20
25
30
1.E-03
1.E-02
1.E-01
1.E+00
I (A)
M
T =25°C
C
T =75°C
C
T =125°C
C
t(s)
IM
t
δ=0.5
0
200
400
600
800
1000
1200
0.1
1.0
10.0
Q (nC)
rr
dI /dt(A/µs)
F
I=
T =125°C
90% confidence
F
j
IP
0
50
100
150
200
0.1
1.0
10.0
100.0
Q (nC)
rr
dI /dt(A/µs)
F
I=
T =125°C
90% confidence
F
j
IP
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.1
1.0
10.0
I
(A)
RM
dI /dt(A/µs)
F
I=
T =125°C
90% confidence
F
j
IP



Html Pages

1 2 3 4 5 6 7 8