| Zakładka z wyszukiwarką danych komponentów |
|
XC6201P352ML Arkusz danych(PDF) 1 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6201P352ML Arkusz danych(HTML) 1 Page - Torex Semiconductor |
|
1 / 22 page ![]() Positive Voltage Regulators Series 185 3 The XC6201 series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and laser trimming technologies. The series provides large currents with a significantly small dropout voltage. The XC6201 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error amplifier. Output voltage is selectable in 0.1V steps between 1.3V ~ 6.0V. SOT-25 (250mW), SOT-89 (500mW) and TO-92 (300mW) packages are available. ■General Description Maximum Output Current : 250mA (TYP.) Dropout Voltage : 0.16V @ 100mA Maximum Operating Voltage : 10V Output Voltage Range : 1.3V ~ 6.0V (selectable in 0.1V steps) Highly Accurate : ± 2% Low Power Consumption : TYP 2.0 µA Operational Temperature Range : -40°C ~ 85°C Ultra Small Packages : SOT-25 (250mW), SOT-89 (500mW), TO-92 (300mW) Capacitors can be Tantalum or Ceramic GMobile phones GCordless phones GCameras, video recorders GPortable games GPortable AV equipment GReference voltage GBattery powered equipment ■Features ■Applications NCMOS Low Power Consumption NDropout Voltage : 0.16V @ 100mA, 0.40V @ 200mA NMaximum Output Current : 250mA (VOUT=5.0V, TYP) NHighly Accurate : ± 2% NOutput Voltage Range : 1.3V ~ 6.0V NSOT-25 / SOT-89 / TO-92 Package NCapacitors can be Tantalum or Ceramic XC6201P332 1.5 2.0 2.5 3.0 02 4 6 8 10 Input Voltage:VIN(V) 0.0 0.5 1.0 Topr=85 °C 25 °C -40 °C VIN VOUT VSS 1.0 µF(tantalum) 1.0 µF(tantalum) ■Typical Application Circuit ■Typical Performance Characteristic 03S_01XC6201 02.9.12 2:35 PM ページ 185 |
Podobny numer części - XC6201P352ML |
|
Podobny opis - XC6201P352ML |