| Zakładka z wyszukiwarką danych komponentów |
|
HCF4060 Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4060 Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 15 page ![]() Ordering information HCF4060 14/15 DocID2055 Rev 6 5 Ordering information 6 Revision history Table 9. Order codes Order code Temperature range Package Packaging Marking HCF4060M013TR -55/+125 °C SO16 Tape and reel HCF4060 HCF4060YM013TR(1) 1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 and Q002 or equivalent. -40/+125 °C SO16 (automotive version) HCF4060Y HCF4060BEY -55/+125 °C PDIP16 Tube HCF4066BE Table 10. Document revision history Date Revision Changes 29-Oct-2012 5 Updated Features (added ESD values), added Applications. Updated Table 1 (reformatted table, added order codes, temperature range, marking, updated package and packaging, added note 1.). Moved Description to page 2, updated Description (unified part numbers and package names). Updated Section 2 to Section 4 (added titles and numbering). Reformatted Section 4 (added ECOPACK text, Figure 8, Figure 9, Table 7 and Table 8, unified package names). Minor corrections throughout document. 02-May-2013 6 Updated Features (ESD values) Added Ordering information |