| Zakładka z wyszukiwarką danych komponentów |
|
715P33398L Arkusz danych(PDF) 5 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
715P33398L Arkusz danych(HTML) 5 Page - Cornell Dubilier Electronics |
|
5 / 15 page ![]() Type 715P Standard Sizes/Ratings1 Value, µF PartNumber2 L MAX DIA MAX H MAX Value, µF PartNumber2 L MAX DIA MAX H MAX 100 VDC / 70 VAC* .0056 .006 .0068 .0075 .0082 .009 .01 .012 .015 .018 .022 .025 .027 .033 .039 .047 .05 .056 .062 .068 .075 .082 .09 .1 .12 .15 .18 .2 .22 .25 .27 .3 .33 715P56291N 715P60291N 715P68291N 715P75291N 715P82291N 715P90291N 715P10391N 715P12391N 715P15391N 715P18391N 715P22391N 715P25391N 715P27391N 715P33391N 715P39391J 715P47391J 715P50391J 715P56391J 715P62291J 715P68391J 715P75391K 715P82391K 715P90391K 715P10491K 715P12491K 715P15491K 715P18491K 715P20491K 715P22491K 715P25491L 715P27491L 715P30491L 715P33491L .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .57 .70 .70 .70 .70 .70 .70 .90 .90 .90 .90 .90 .90 .90 .90 .90 (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (14.5) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) (22.9) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) .25 .25 .26 .26 .27 .26 .26 .28 .29 .31 .33 .35 .35 .38 .34 .36 .37 .38 .40 .41 .36 .37 .38 .40 .43 .46 .50 .52 .54 .47 .48 .50 .52 (6.4) (6.4) (6.6) (6.6) (6.9) (6.6) (6.6) (7.1) (7.4) (7.9) (8.4) (8.9) (8.9) (9.7) (8.6) (9.1) (9.4) (9.7) (10.2) (10.4) (9.1) (9.4) (9.7) (10.2) (10.9) (11.7) (12.7) (13.2) (13.7) (11.9) (12.2) (12.7) 13.2) .31 .31 .32 .32 .33 .32 .32 .34 .35 .37 .39 .41 .41 .44 .40 .42 .43 .44 .46 .47 .42 .43 .44 .46 .49 .52 .56 .58 .60 .53 .54 .56 .58 (7.9) (7.9) (8.1) (8.1) (8.4) (8.1) (8.1) (8.6) (8.9) (9.4) (9.9) (10.4) (10.4) (11.2) (10.2) (10.7) (10.9) (11.2) (11.7) (11.9) (10.7) (10.9) (11.2) (11.7) (11.9) (13.2) (14.2) (14.7) (15.2) (13.5) (13.7) (14.2) (14.7) 200 VDC /155 VAC* .082 .1 .12 .15 .18 .22 .27 .33 .39 .47 715P82392L 715P10492L 715P12492L 715P15492L 715P18492L 715P22492L 715P27492M 715P33492M 715P39492M 715P47492M 1.25 1.25 1.25 1.25 1.25 1.25 1.65 1.65 1.65 1.65 (31-8) (31.8) (31.8) (31.8) (31.8) (31.8) (41.9) (41.9) (41.9) (41.9) .36 .38 .41 .44 .47 .51 .49 .53 .56 .60 (9.1) (9.7) (10.4) (11.2) (11.9) (13.0) (12.4) (13.5) (14.2) (15.2) .42 .44 .47 .5 .53 .57 .55 .59 .62 .66 (10.7) (11.2) (11.9) (12.7) (13.5) (14.5) (14.0) (15.0) (15.7) (16.8) 400 VDC / 200 VAC* .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .15 .18 .22 .27 .33 .39 .47 715P10294J 715P12294J 715P15294J 715P18294J 715P22294J 715P27294J 715P33294J 715P39294J 715P47294J 715P56294J 715P68294J 715P82294J 715P10394J 715P12394J 715P15394J 715P18394K 715P22394K 715P27394K 715P33394K 715P39394L 715P47394L 715P56394L 715P68394L 715P82394L 715P10494L 715P12494L 715P15494L 715P18494M 715P22494M 715P27494M 715P33494M 715P39494M 715P47494M .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) 1.25 (31.8) 1.25 (31.8) 1.25 ( 31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) .35 .36 .32 .34 .33 .35 .32 .34 .34 .36 .29 .30 .30 .32 .34 .31 .33 .36 .38 .35 .37 .39 .42 .45 .48 .52 .56 .54 .58 .63 .70 .75 .82 (8.9) (9.1) (8.1) (8.6) (8.4) (8.9) (8.1) (8.6) (8.6) (9.1) (7.4) (7.6) (7.6) (8.1) (8.6) (7.9) (8.4) (9.1) (9.7) (8.9) (9.4) (9.9) (10.7) (11.4) (12.2) (13.2) (14.2) (13.7) (14.7) (16.0) (17.8) (19.1) (20.8) .39 .40 .36 .38 .37 .39 .36 .38 .38 .40 .35 .36 .36 .38 .40 .37 .39 .42 .44 .41 .43 .45 .48 .51 .54 .58 .62 .60 .64 .69 .76 .81 .88 (9.9) (10.2) (9.1) (9.7) (9.4) (9.9) (9.1) (9.7) (9.7) (10.2) (8.9) (9.1) (9.1) (9.7) (10.2) (9.4) (9.9) (10.7) (11.2) (10.4) (10.9) (11.4) (12.2) (13.0) (13.7) (14.7) (15.7) (15.2) (16.3) (17.5) (19.3) (20.6) (22.4) 200 VDC /155 VAC* .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 715P10392J 715P12392J 715P15392J 715P18392J 715P22392J 715P27392J 715P33392J 715P39392K 715P47392K 715P56392K 715P68392K .70 .70 .70 .70 .70 .70 .70 .90 .90 .90 .90 (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (17.8) (22.9) (22.9) (22.9) (22.9) .25 .26 .28 .29 .31 .33 .36 .32 .34 .37 .39 (6.4) (6.6) (7.1) (7.4) (7.9) (8.4) (9.1) (8.1) (8.6) (9.4) (9.9) .31 .32 .34 .35 .37 .39 .42 .38 .40 .43 .45 (7.9) (8.1) (8.6) (8.9) (9.4) (9.9) (10.7) (9.7) (10.2) (10.9) (11.4) 1 Shaded part numbers, when ordered as ±5% tolerance with D3 leads, are standard stock items available through the CDE Distribution Network. F or complete part number add letter and number for terminal style and lead length in accordance with Ordering Information, (i.e. 715P10452LD3) 2 To complete part number for proper tolerance, terminal style and lead length please refer to Ordering/Part Number Information page. * Please refer to performance curves for RMS Voltage vs. Frequency characteristics. Dimensions in inches, metric (mm) in parenthesis. CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors |