Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OA1ZHA Arkusz danych(PDF) 32 Page - STMicroelectronics

Numer części OA1ZHA
Szczegółowy opis  Fitness and healthcare
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1ZHA Arkusz danych(HTML) 32 Page - STMicroelectronics

Back Button OA1ZHA Datasheet HTML 27Page - STMicroelectronics OA1ZHA Datasheet HTML 28Page - STMicroelectronics OA1ZHA Datasheet HTML 29Page - STMicroelectronics OA1ZHA Datasheet HTML 30Page - STMicroelectronics OA1ZHA Datasheet HTML 31Page - STMicroelectronics OA1ZHA Datasheet HTML 32Page - STMicroelectronics OA1ZHA Datasheet HTML 33Page - STMicroelectronics OA1ZHA Datasheet HTML 34Page - STMicroelectronics OA1ZHA Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Package information
OA1ZHA, OA2ZHA, OA4ZHA
32/35
DocID025994 Rev 2
Table 9: QFN16 3x3 mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0
0.05
0
0.002
A3
0.20
0.008
b
0.18
0.30
0.007
0.012
D
2.90
3.00
3.10
0.114
0.118
0.122
D2
1.50
1.80
0.059
0.071
E
2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.80
0.059
0.071
e
0.50
0.020
L
0.30
0.50
0.012
0.020
Figure 55: QFN16 3x3 recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35