| Zakładka z wyszukiwarką danych komponentów |
|
MMDFS3P303R2 Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MMDFS3P303R2 Arkusz danych(HTML) 2 Page - ON Semiconductor |
|
2 / 12 page ![]() MMDFS3P303 http://onsemi.com 2 SCHOTTKY RECTIFIER MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) Peak Repetitive Reverse Voltage DC Blocking Voltage VRRM VR 30 Volts Average Forward Current (Note 3.) (Rated VR) TA = 100°C IO 3.0 Amps Peak Repetitive Forward Current (Note 3.) (Rated VR, Square Wave, 20 kHz) TA = 105°C Ifrm 6.0 Amps Non–Repetitive Peak Surge Current (Surge applied at rated load conditions, halfwave, single phase, 60 Hz) Ifsm 30 Amps THERMAL CHARACTERISTICS – SCHOTTKY AND MOSFET Thermal Resistance – Junction–to–Ambient (Note 4.) – MOSFET RqJA 201 °C/W Thermal Resistance – Junction–to–Ambient (Note 5.) – MOSFET RqJA 105 Thermal Resistance – Junction–to–Ambient (Note 3.) – MOSFET RqJA 62.5 Thermal Resistance – Junction–to–Ambient (Note 4.) – Schottky RqJA 197 Thermal Resistance – Junction–to–Ambient (Note 5.) – Schottky RqJA 97 Thermal Resistance – Junction–to–Ambient (Note 3.) – Schottky RqJA 62.5 Operating and Storage Temperature Range Tj, Tstg –55 to 150 °C 3. Mounted on 2 ″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided), 10 sec. max. 4. Mounted with minimum recommended pad size, PC Board FR4. 5. Mounted on 2 ″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided), Steady State. MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (Notes 1. & 6.) Characteristics Symbol Min Typ Max Unit OFF CHARACTERISTICS Drain–Source Voltage (VGS = 0 Vdc, ID = 0.25 mA) Temperature Coefficient (Positive) V(BR)DSS 30 – – 27 – – Vdc mV/ °C Zero Gate Drain Current (VDS = 30 Vdc, VGS = 0 Vdc) (VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C) IDSS – – – – 1.0 10 µAdc Gate Body Leakage Current (VGS = ± 20 Vdc, VDS = 0) IGSS – – 100 nAdc ON CHARACTERISTICS (Note 6.) Gate Threshold Voltage (VDS = VGS, ID = 0.25 mA) Temperature Coefficient (Negative) VGS(th) 1.0 – 1.7 3.5 – – Vdc mV/ °C Static Drain–Source Resistance (VGS = 10 Vdc, ID = 3.5 Adc) (VGS = 4.5 Vdc, ID = 2.0 Adc) RDS(on) – – 0.085 0.130 0.100 0.160 W Forward Transconductance (VDS = 15 Vdc, ID = 3.5 Adc) gFS – 5.0 – mhos DYNAMIC CHARACTERISTICS Input Capacitance (V 25 Vd V 0 Vd Ciss – 405 – pF Output Capacitance (VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Coss – 200 – Reverse Transfer Capacitance f = 1.0 MHz) Crss – 55 – SWITCHING CHARACTERISTICS (Note 7.) Turn–On Delay Time td(on) – 12.5 25 ns Rise Time (VDD = 20 Vdc, ID = 2.0 Adc, VGS =10Vdc tr – 16 30 Turn–Off Delay Time VGS = 10 Vdc, RG = 6.0 Ω) td(off) – 50 90 Fall Time RG 6.0 Ω) tf – 35 65 1. Negative signs for P–Channel device omitted for clarity. 6. Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2%. 7. Switching characteristics are independent of operating junction temperature. |