Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5907 Arkusz danych(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Numer części LP5907
Szczegółowy opis  250-mA Ultra-Low-Noise, Low-IQ LDO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Arkusz danych(HTML) 32 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 28Page - Texas Instruments LP5907 Datasheet HTML 29Page - Texas Instruments LP5907 Datasheet HTML 30Page - Texas Instruments LP5907 Datasheet HTML 31Page - Texas Instruments LP5907 Datasheet HTML 32Page - Texas Instruments LP5907 Datasheet HTML 33Page - Texas Instruments LP5907 Datasheet HTML 34Page - Texas Instruments LP5907 Datasheet HTML 35Page - Texas Instruments LP5907 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
4X
0.18 0.02
(0.35) TYP
(0.35) TYP
(
)
METAL
0.18
0.04 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
)
SOLDER MASK
OPENING
0.18
0.04 MIN
4220102/A 11/2014
DSBGA - 0.445mm max height
YKE0004
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
Refer to Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
1
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:40X
2
A
B
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com