| Zakładka z wyszukiwarką danych komponentów |
|
L9660TR Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9660TR Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 49 page ![]() DocID024714 Rev 2 5/49 L9660 Block diagram and pin description 48 1 Block diagram and pin description 1.1 Block diagram Figure 1. Block diagram 1.2 Pin description Table 2. Pin description Pin Number Pin name Description I/O type Reset state 1 MISO SPI Data Out Output Hi-Z 2 N.C. Not connected - - 3 FEN1 Fire enable for channels 0 and 1 Input Pull-down 4 N.C. Not connected - - 5 RESETB Reset pin Input Pull-up 6 GND Ground (Analog & Digital) - - 7 VDD VDD Supply Voltage Input - 8 N.C. Not connected - - 9 FEN2 Fire enable for channels 2 and 3 Input Pull-down 10 N.C. Not connected - - 11 N.C. Not connected - - 12 CS_D SPI Chip Select for Deployment Driver Input Pull-up 13 MOSI SPI Data In Input Hi-Z 14 N.C. Not connected - - |