| Zakładka z wyszukiwarką danych komponentów |
|
WM9712L Arkusz danych(PDF) 71 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9712L Arkusz danych(HTML) 71 Page - Wolfson Microelectronics plc |
|
71 / 77 page ![]() Production Data WM9712L w PD Rev 4.5 August 2006 71 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS 1 9 25 38 DBVDD DCVDD AVDD AVDD2 PCBEEP 19 PHONE 20 MIC1 21 MIC2 22 LINEINL 23 LINEINR 24 SDATAOUT BITCLK 6 SDATAIN 8 SYNC 10 RESETB 11 AC-LINK XTLOUT 3 XTLIN GND XT 4 7 DGND2 DGND1 AGND 26 AGND2 34 SPKGND 40 LOUT2 35 ROUT2 36 OUT3 HPOUTL 39 HPOUTR 41 GPIO1 44 GPIO2/IRQ 45 GPIO3 46 GPIO4 47 GPIO/SPDIF_OUT 48 MICBIAS 28 VREF 27 CAP2 32 2 WM9712L AGND + + + + AGND + AGND + C15 C27 C28 C9 C12 C13 C14 C10 C16 C17 C18 C19 C20 + C11 C25 C26 C22 C23 5 SPKVDD HPVDD GND AGND GND HPGND AGND1 18 42 43 13 COMP1 CREF COMP3 COMP2 12 31 30 29 MONOOUT 33 + C21 C6 C5 C4 C3 C2 C1 Layout Notes: 1. C1 to C6, C9 C11 and C13 should be as close to the relative WM9712L connecting pin as possible. 2. AGND and DGND should be connected as close to the WM9712L as possible. 3. For added strength and heat dissipation, it is recommended that the GND_PADDLE(Pin 49) is connected to AGND. 37 + C24 DVDD AVDD See External Components Descriptions for details C8 DVDD + GND C7 + AGND AVDD R1 DBVDD R2 GND GND One of the three possible configurations MUST be used: R1 - Default power down. R2 - Default power on & GPIO function used. GND - Default power on & GPIO function not used. X+/BR 14 Y+/TR 15 X-/TL 16 Y-/BL 17 GND_PADDLE 49 AGND Figure 23 External Components Diagram |