| Zakładka z wyszukiwarką danych komponentów |
|
LP3906 Arkusz danych(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP3906 Arkusz danych(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 38 page ![]() Connection Diagram Note: The physical placement of the package marking will vary from part to part. (*) UZXYTT format: ‘U’ – wafer fab code; ‘Z’ – assembly code; ’XY’ 2 digit date code; ‘TT” – die run code See http://www.national.com/quality/marking_conventions.html for more information on marking information. Ordering Information Voltage Option Order Number Package Type NSC Package Drawing Package Marking Supplied As Voltage JXXI LP3906SQ JXXI 24 lead LLP SQA024AG 06-JXXI 1000 tape & reel Voltage JXXI LP3906SQX JXXI 24 lead LLP SQA024AG 06-JXXI 4500 tape & reel Voltage DJXI LP3906SQ DJXI 24 lead LLP SQA024AG 06-DJXI 1000 tape & reel Voltage DJXI LP3906SQX DJXI 24 lead LLP SQA024AG 06-DJXI 4500 tape & reel Default Voltage Options Regulator Version JXXI Version DJXI Default Voltages (V) Default Voltages (V) SW1 1.2 0.9 SW2 3.3 1.8 LDO1 3.3 3.3 LDO2 1.8 1.8 20197802 * Refer to Package Marking in Ordering Information Table Below FIGURE 3. 24-Lead LLP Package (Top View) www.national.com 4 |