Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP100LC-230 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części SMP100LC-230
Szczegółowy opis  TELECOM EQUIPMENT PROTECTION: TRISIL?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC-230 Arkusz danych(HTML) 5 Page - STMicroelectronics

  SMP100LC-230 Datasheet HTML 1Page - STMicroelectronics SMP100LC-230 Datasheet HTML 2Page - STMicroelectronics SMP100LC-230 Datasheet HTML 3Page - STMicroelectronics SMP100LC-230 Datasheet HTML 4Page - STMicroelectronics SMP100LC-230 Datasheet HTML 5Page - STMicroelectronics SMP100LC-230 Datasheet HTML 6Page - STMicroelectronics SMP100LC-230 Datasheet HTML 7Page - STMicroelectronics SMP100LC-230 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMP100LC-xxx
5/8
1
2
5
10
20
50
100
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VR(V)
C [VR] / C [VR=2V]
Tj=25°C
F=1MHz
VRMS=1V
Fig. 7: Relative variation of junction capacitance
versus reverse voltage applied (typical values).
100 V / µs, di/dt < 10 A / µs, Ipp = 100 A
1 kV / µs, di/dt < 10 A / µs, Ipp = 10 A
U
U
10 µF
2
Ω
45
Ω
66
Ω
470
Ω
83
Ω
0.36 nF
46 µH
60 µF
26 µH
12
Ω
250
Ω
46 µH
47
Ω
KeyTek 'System 2' generator with PN246I module
KeyTek 'System 2' generator with PN246I module
TEST CIRCUIT 1 FOR DYNAMIC IBO AND VBO PARAMETERS



Html Pages

1 2 3 4 5 6 7 8