| Zakładka z wyszukiwarką danych komponentów |
|
SMTYF5.0A Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMTYF5.0A Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() Package information SMTYF 6/8 2 Package information ● Case: JEDEC DO-221AC molded plastic over Planar junction ● Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 ● Polarity: Band indicates cathode ● Flammability: Epoxy rated UL94V-0 ● RoHS package In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com. Table 5. SMAflat dimensions Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 0.90 1.10 0.035 0.043 b 1.25 1.65 0.049 0.065 c 0.15 0.40 0.006 0.016 D 2.25 2.95 0.088 0.116 E 4.80 5.60 0.189 0.220 E1 3.95 4.60 0.156 0.181 L 0.75 1.50 0.030 0.059 L1 0.50 0.019 L2 0.50 0.019 Figure 11. SMAflat footprint dimensions optimized for SMAflat(1) 1. SMA footprint may also be used. Figure 12. Marking information D A L 2x L L2 2x L1 2x E E1 b c 1.20 (0.047) 1.20 (0.047) 3.12 (0.123) 5.52 (0.217) 1.52 (0.060) millimeters (inches) y w w e3 z x x x e3: ECOPACK ( Leadfree) XXX: Marking Z: Manufacturing location Y: Year WW: week Cathode bar (unidirectional devices only ) |