| Zakładka z wyszukiwarką danych komponentów |
|
STRVS222X02F Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STRVS222X02F Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 14 page ![]() Ordering information STRVSX 12/14 DocID023950 Rev 4 3 Ordering information Figure 28. Ordering information scheme Table 9. Ordering information Order code Marking Package Weight Base qty. Delivery mode STRVS118X02C R118C SMC 0.25 g 2500 Tape and reel STRVS142X02F R142F DO-201 0.90 g 600 Ammopack STRVS182X02F R182F DO-201 0.90 g 600 Ammopack STRVS185X02B R185B SMB 0.12 g 2500 Tape and reel STRVS185X02E R185E DO-15 0.40 g 1000 Ammopack STRVS222X02F R222F DO-201 0.90 g 600 Ammopack STRVS225X02E R225E DO-15 0.40 g 1000 Ammopack STRVS241X02E R241E DO-15 0.40 g 1000 Ammopack STRVS248X02C R4248C SMC 0.25 g 2500 Tape and reel STRVS252X02F R252F DO-201 0.90 g 600 Ammopack STRVS280X02F R280F DO-201 0.90 g 600 Ammopack ST: STMicroelectronics Repetitive voltage suppressor Clamping voltage 118 = 118 V @ IPP = 2 A Version X = Single diode Peak pulse current 02 = 2 A Package B = SMB, C = SMC, E = DO-15, F = DO-201 ST RVS VVV X II B |