Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS93X Arkusz danych(PDF) 13 Page - STMicroelectronics

Numer części TS93X
Szczegółowy opis  Output rail-to-rail micropower operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS93X Arkusz danych(HTML) 13 Page - STMicroelectronics

Back Button TS93X Datasheet HTML 9Page - STMicroelectronics TS93X Datasheet HTML 10Page - STMicroelectronics TS93X Datasheet HTML 11Page - STMicroelectronics TS93X Datasheet HTML 12Page - STMicroelectronics TS93X Datasheet HTML 13Page - STMicroelectronics TS93X Datasheet HTML 14Page - STMicroelectronics TS93X Datasheet HTML 15Page - STMicroelectronics TS93X Datasheet HTML 16Page - STMicroelectronics TS93X Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TS93x, TS93xA, TS93xB
Package information
Doc ID 6911 Rev 5
13/17
3.3
TSSOP14 package information
Figure 23.
TSSOP14 package outline
Table 8.
TSSOP14 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.90
5.00
5.10
0.193
0.197
0.201
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.176
e
0.65
0.0256
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
k0°
8°
0°
8°
aaa
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17