| Zakładka z wyszukiwarką danych komponentów |
|
EPC635 Arkusz danych(PDF) 42 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC635 Arkusz danych(HTML) 42 Page - Espros Photonics corp |
|
42 / 97 page ![]() Values 0x00 and 0xFF in the actual image data will not occur due to the special construction of labels. Therefore, image data is mapped to values between 0x01 … 0xFE. Is the the TCMI bus idle (i.e. blanking), TCMI keeps DATA[7:0] = 0x01 (default value of the bus after reset). ESM data mapping details for different TCMI data formats are defined in Table 21, Table 22 and Table 23: D0 … D7 DATA0, DATA1, … DATA7 lines of the TCMI bus. b0 … b11 pixel value SAT, SAT saturation information 1st Byte: MSByte 2nd Byte: LSByte D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 0 1 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 SAT SAT Table 21: TCMI msb/lsb split mode ESM data mapping 1st Byte: LSByte 2nd Byte: MSByte D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 b5 b4 b3 b2 b1 b0 SAT SAT 0 1 b11 b10 b9 b8 b7 b6 Table 22: TCMI lsb/msb split mode ESM data mapping Byte D7 D6 D5 D4 D3 D2 D1 D0 b7 b6 b5 b4 b3 b2 b1 b0 Table 23: TCMI 8-bit mode ESM data mapping © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 42 / 97 Datasheet_epc635-V1.02 www.espros.com |