| Zakładka z wyszukiwarką danych komponentów |
|
LD1117DT50 Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1117DT50 Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 38 page ![]() Electrical characteristics LD1117 series 16/38 Table 14. Electrical characteristics of LD1117#30C (refer to the test circuits, TJ = -40 to 125°C, CO = 10 µF, unless otherwise specified). Symbol Parameter Test Min. Typ. Max. Unit VO Output voltage Vin = 5 V, IO = 10 mA, TJ = 25°C 2.94 3 3.06 V VO Output voltage IO = 0 to 800 mA, Vin = 4.5 to 10 V 2.88 3.12 V ∆VO Line regulation Vin = 4.5 to 12 V, IO = 0 mA 1 30 mV ∆VO Load regulation Vin = 4.5 V, IO = 0 to 800 mA 1 30 mV ∆VO Temperature stability 0.5 % ∆VO Long term stability 1000 hrs, TJ = 125°C 0.3 % Vin Operating input voltage IO = 100 mA 15 V Id Quiescent current Vin ≤12 V 5 10 mA IO Output current Vin = 8 V, TJ = 25°C 800 950 1300 mA eN Output noise voltage B =10Hz to 10KHz, TJ = 25°C 100 µV SVR Supply voltage rejection IO = 40 mA, f = 120Hz, TJ = 25°C Vin = 6 V, Vripple = 1 VPP 60 75 dB Vd Dropout voltage IO = 100 mA, TJ = 0 to 125°C 1 1.1 V IO = 500 mA, TJ = 0 to 125°C 1.05 1.15 IO = 800 mA, TJ = 0 to 125°C 1.10 1.2 Vd Dropout voltage IO = 100 mA 1.1 V IO = 500 mA 1.2 IO = 800 mA 1.3 Thermal regulation Ta = 25°C, 30ms Pulse 0.01 0.1 %/W |