Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QCC-20 Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części QCC-20
Szczegółowy opis  Surface Mount Power Splitter/Combiner 2 Way-90째 50??1200 to 2200 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QCC-20 Arkusz danych(HTML) 1 Page - Mini-Circuits

  QCC-20 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Outline Drawing
Splitter Electrical Specifications
Outline Dimensions (
)
inch
mm
CASE STYLE: GF981
PRICE: $4.95 ea. QTY (10-49)
Maximum Ratings
Pin Connections
Features
• WCDMA
• PCS
• DECT
• PHS
• defense
• radar
• low insertion loss, 0.4 dB typ.
• high isolation, 25 dB typ.
• LTCC construction
• excellent temperature stability
• small size, 0.15"X0.15"
• patent pending
Applications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input
17.5W* max.
*derate linearly to 3.5W at 100°C ambient.
Demo Board MCL P/N: TB-302
Suggested PCB Layout (PL-128)
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
S-1
Amplitude
Unbalance
(dB)
Isolation
(dB)
VSWR
S
(dB)
S-2
VSWR
1
VSWR
2
Phase
Unbalance
(deg.)
Typ. Min.
FREQ.
RANGE
(MHz)
PHASE
UNBALANCE
(Degrees)
Typ. Max.
ISOLATION
(dB)
INSERTION LOSS (dB)
Avg. of coupled outputs
less 3 dB
Typ. Max.
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
1200-2200
1200-1400
32
24
0.4
0.6
1
3
0.4
1.0
1400-1800
35
20
0.4
0.7
1
3
0.5
0.85
1800-2200
23
16
0.6
0.9
1
5
0.5
0.9
AB
C
D
E
F
G
H
J
.150
.150
.032
.008
.036
.018
.062
.028
.022
3.81
3.81
0.81
0.20
0.91
0.46
1.57
0.71
0.56
K
L
M
N
P
Q
R
S
T
wt.
.017
.014
.036
.018
.062
.028
.037
.017
.014 grams
0.43
0.36
0.91
0.46
1.57
0.71
0.94
0.43
0.36
.05
Typ. Max.
SUM PORT
2
PORT 1
8 (0°)
PORT 2
4 (90°)
GROUND
1,3,5,7
50 OHM TERM (EXTERNAL)
6
1200.00
3.06
3.64
0.58
30.83
90.74
1.03
1.16
1.19
1300.00
3.28
3.43
0.16
33.49
91.05
1.01
1.18
1.20
1350.00
3.37
3.35
0.03
34.64
91.20
1.02
1.19
1.20
1400.00
3.47
3.27
0.20
35.21
91.33
1.04
1.19
1.20
1500.00
3.63
3.16
0.47
33.11
91.51
1.08
1.21
1.21
1550.00
3.70
3.12
0.58
31.38
91.57
1.10
1.22
1.21
1600.00
3.76
3.09
0.67
29.70
91.60
1.12
1.24
1.22
1700.00
3.84
3.07
0.77
27.04
91.58
1.15
1.27
1.23
1750.00
3.87
3.08
0.79
25.86
91.55
1.17
1.28
1.24
1800.00
3.89
3.10
0.79
24.69
91.48
1.18
1.29
1.25
1900.00
3.89
3.18
0.71
22.58
91.25
1.23
1.31
1.28
1950.00
3.87
3.24
0.63
21.66
91.11
1.25
1.32
1.30
2000.00
3.83
3.32
0.52
20.85
90.94
1.27
1.33
1.32
2100.00
3.73
3.52
0.21
19.49
90.53
1.31
1.35
1.35
2200.00
3.56
3.78
0.22
18.38
90.13
1.33
1.37
1.40
QCC-20
INSERTION LOSS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
at RF level of -10 dBm
QCC-20
ISOLATION
0
5
10
15
20
25
30
35
40
1200
1300
1400 1500
1600
1700 1800
1900 2000
2100 2200
FREQUENCY (MHz)
at RF level of -10 dBm
QCC-20
VSWR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1200 1300
1400 1500 1600
1700 1800 1900
2000 2100 2200
FREQUENCY (MHz)
#S VSWR
#1 VSWR
#2 VSWR
at RF level of -10 dBm
2 Way-90° 50
1200 to 2200 MHz
Power Splitter/Combiner
Surface Mount
REV.C
M89554
EDB-030107
QCC-20
LR/RS/CP
040622
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
NEW!
QCC-20


Podobny numer części - QCC-20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Qualwave Inc. All right...
QCC-2000-4000-K5-N-1 QUALWAVE-QCC-2000-4000-K5-N-1 Datasheet
152Kb / 1P
Coaxial Circulator
Rev 1.2
More results

Podobny opis - QCC-20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
QCC-22 MINI-QCC-22 Datasheet
110Kb / 1P
Power Splitter/Combiner 2 Way-90째 50??1500 to 2500 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
ZAPD-1750 MINI-ZAPD-1750 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
ZFSC-2-1W MINI-ZFSC-2-1W Datasheet
101Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1 to 750 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZN2PD1-222 MINI-ZN2PD1-222 Datasheet
121Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 600 to 2200 MHz
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com