Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RJK0635DSP Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części RJK0635DSP
Szczegółowy opis  60V, 3.5A, 98m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0635DSP Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  RJK0635DSP Datasheet HTML 1Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 2Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 3Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 4Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 5Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 6Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 7Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 8Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RJK0635DSP
Preliminary
R07DS1345EJ0301 Rev.3.01
page 4 of 7
Nov. 24, 2016
200
160
120
80
40
−25 0
25
50
75
100 125
150
0
0.3
0.1
3
100
10
1
0.1
110
Case Temperature
Tc (°C)
Static Drain to Source On State Resistance
vs. Temperature
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
25
°C
Tc =
−25°C
75
°C
VDS = 10 V
Pulse Test
Pulse Test
0
20
30
40
50
60
10000
1000
3000
80
0
8
60
6
20
4
40
2
246
8
10
0
1000
1
10
100
0.1
0.3
1
3
10
300
100
10
30
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
Drain to Source Voltage
VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nC)
Dynamic Input Characteristics
Drain Current
ID (A)
Switching Characteristics
VDD = 50 V
25 V
10 V
td(on)
td(off)
tf
VDD= 50 V
25 V
10 V
10
0
0.2
0.4
0.6
0.8
1.0
10
4
VGS = 0V
2.5V
4.5V
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
2
6
8
tr
VGS = 2.5V
4.5V
4.5
VDD
VGS
ID = 3.5 A
0.5A,1.3A,2.5A
ID = 0.5A,1.3A,2.5A



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com