| Zakładka z wyszukiwarką danych komponentów |
|
HT68F005 Arkusz danych(PDF) 83 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F005 Arkusz danych(HTML) 83 Page - Holtek Semiconductor Inc |
|
83 / 93 page ![]() Rev. 1.00 8� ��to�e� ��� �01� Rev. 1.00 83 ��to�e� ��� �01� HT68F005/HT68F006 Enhanced I/O Flash Type MCU HT68F005/HT68F006 Enhanced I/O Flash Type MCU Instruction Definition ADC A,[m] AddDataMemorytoACCwithCarry Description ThecontentsofthespecifiedDataMemory,Accumulatorandthecarryflagareadded. TheresultisstoredintheAccumulator. Operation ACC←ACC+[m]+C Affectedflag(s) OV,Z,AC,C ADCM A,[m] AddACCtoDataMemorywithCarry Description ThecontentsofthespecifiedDataMemory,Accumulatorandthecarryflagareadded. TheresultisstoredinthespecifiedDataMemory. Operation [m]←ACC+[m]+C Affectedflag(s) OV,Z,AC,C ADD A,[m] AddDataMemorytoACC Description ThecontentsofthespecifiedDataMemoryandtheAccumulatorareadded. TheresultisstoredintheAccumulator. Operation ACC←ACC+[m] Affectedflag(s) OV,Z,AC,C ADD A,x AddimmediatedatatoACC Description ThecontentsoftheAccumulatorandthespecifiedimmediatedataareadded. TheresultisstoredintheAccumulator. Operation ACC←ACC+x Affectedflag(s) OV,Z,AC,C ADDM A,[m] AddACCtoDataMemory Description ThecontentsofthespecifiedDataMemoryandtheAccumulatorareadded. TheresultisstoredinthespecifiedDataMemory. Operation [m]←ACC+[m] Affectedflag(s) OV,Z,AC,C AND A,[m] LogicalANDDataMemorytoACC Description DataintheAccumulatorandthespecifiedDataMemoryperformabitwiselogicalAND operation.TheresultisstoredintheAccumulator. Operation ACC←ACC″AND″[m] Affectedflag(s) Z AND A,x LogicalANDimmediatedatatoACC Description DataintheAccumulatorandthespecifiedimmediatedataperformabitwiselogicalAND operation.TheresultisstoredintheAccumulator. Operation ACC←ACC″AND″x Affectedflag(s) Z ANDM A,[m] LogicalANDACCtoDataMemory Description DatainthespecifiedDataMemoryandtheAccumulatorperformabitwiselogicalAND operation.TheresultisstoredintheDataMemory. Operation [m]←ACC″AND″[m] Affectedflag(s) Z |