| Zakładka z wyszukiwarką danych komponentów |
|
R5F104LEA Arkusz danych(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA Arkusz danych(HTML) 11 Page - Renesas Technology Corp |
|
11 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 11 of 208 Aug 12, 2016 • 32-pin plastic LQFP (7 × 7 mm, 0.8 mm pitch) Note Mounted on the 96 KB or more code flash memory products. Caution Connect the REGC pin to VSS pin via a capacitor (0.47 to 1 μF). Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1 (PIOR0, 1). P51/INTP2/SO00/TxD0/TOOLTxD/TRGIOB P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0) P30/INTP3/SCK00/SCL00/TRJO0 P70 P31/TI03/TO03/INTP4/PCLBUZ0/(TRJIO0) P62/SSI00 P61/SDAA0 P60/SCLA0 16 15 14 13 12 11 10 9 25 26 27 28 29 30 31 32 1 P147/ANI18/VCOUT1 Note P23/ANI3/ANO1 Note P22/ANI2/ANO0 Note P20/ANI0/AVREFP P01/ANI16/TO00/RxD1/TRGCLKB/TRJIO0 P00/ANI17/TI00/TxD1/TRGCLKA/(TRJO0) 2 3456 7 8 24 23 22 21 20 19 18 17 P120/ANI19/VCOUT0 Note P21/ANI1/AVREFM RL78/G14 (Top View) |