| Zakładka z wyszukiwarką danych komponentów |
|
R5F104FED Arkusz danych(PDF) 88 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104FED Arkusz danych(HTML) 88 Page - Renesas Technology Corp |
|
88 / 213 page ![]() RL78/G14 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 °C) R01DS0053EJ0330 Rev. 3.30 Page 88 of 208 Aug 12, 2016 Remark 1. p: CSI number (p = 00, 01, 10, 11, 20, 21, 30, 31), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3), g: PIM number (g = 0, 1, 3 to 5, 14) Remark 2. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13)) |