| Zakładka z wyszukiwarką danych komponentów |
|
ST6389B1 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6389B1 Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 82 page ![]() 5/82 ST6380, ST6381, ST6382, ST6383, ST6388, ST6389 1 GENERAL DESCRIPTION 1.1 INTRODUCTION The ST6380, ST6381, ST6382, ST6383, ST6388, ST6389 microcontrollers are members of the 8-bit HCMOS ST638x family, a series of devices spe- cially oriented to TV applications. Different ROM size and peripheral configurations are available to give the maximum application and cost flexibility. All ST638x members are based on a building block approach: a common core is surrounded by a combination of on-chip peripherals (macrocells) available from a standard library. These peripher- als are designed with the same Core technology providing full compatibility and short design time. Many of these macrocells are specially dedicated to TV applications. The macrocells of the ST638x family are: two Timer peripherals each including an 8-bit counter with a 7-bit software programma- ble prescaler (Timer), a digital hardware activated watchdog function (DHWD), a 14-bit voltage syn- thesis tuning peripheral, a Serial Peripheral Inter- face (SPI), up to six 6-bit PWM D/A converters, up to 7 8-bit A/D Converter, an on-screen display (OSD) with 20 characters per line and 192 charac- ters (in one bank). In addition the following memo- ry resources are available: program ROM (up to 20K), data RAM (256 bytes), EEPROM (384 bytes). Refer to pin configurations figures and to ST638x device summary (Table 1) for the defini- tion of ST638x family members and a summary of differences among the different types. Table 1. Device Summary Device ROM (Bytes) RAM (Bytes) EEPROM (Bytes) ADC VS D/A Colour Pins Emulating Devices ST6380 8K 256 384 Yes Yes 6 3 ST63T88, ST63E88 ST6381 8K 256 384 Yes Yes 4 3 ST63T89, ST63E89 ST6382 16K 256 384 Yes Yes 6 3 ST63T88, ST63E88 ST6383 16K 256 384 Yes Yes 4 3 ST63T89, ST63E89 ST6388 20K 256 384 Yes Yes 6 3 ST63T88, ST63E88 ST6389 20K 256 384 Yes Yes 4 3 ST63T89, ST63E89 |